Part Number Hot Search : 
4076B ML2264 C7534 151MELA MRF837 GO15N1 VV10Z2PN AT89C5
Product Description
Full Text Search
 

To Download LM340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by LM340/D
LM340, A Series Three-Terminal Positive Fixed Voltage Regulators
This family of fixed voltage regulators are monolithic integrated circuits capable of driving loads in excess of 1.0 A. These three-terminal regulators employ internal current limiting, thermal shutdown, and safe-area compensation. Devices are available with improved specifications, including a 2% output voltage tolerance, on A-suffix 5.0, 12 and 15 V device types. Although designed primarily as a fixed voltage regulator, these devices can be used with external components to obtain adjustable voltages and currents. This series of devices can be used with a series-pass transistor to boost output current capability at the nominal output voltage. * Output Current in Excess of 1.0 A
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
SEMICONDUCTOR TECHNICAL DATA
* * * * *
No External Components Required Output Voltage Offered in 2% and 4% Tolerance* Internal Thermal Overload Protection Internal Short Circuit Current Limiting Output Transistor Safe-Area Compensation
T SUFFIX PLASTIC PACKAGE CASE 221A
Pin 1. Input 2. Ground 3. Output
1 2 3
Heatsink surface is connected to Pin 2.
Simplified Application
Input
LM340-XX
Output CO**
ORDERING INFORMATION
Device LM340T-5.0 LM340AT-5.0 LM340T-6.0 LM340T-8.0 LM340T-12 LM340AT-12 LM340T-15 LM340AT-15 LM340T-18 LM340T-24 Output Voltage and Tolerance 5.0 V 4% 5.0 V 2% 6.0 V 4% 8.0 V 4% 12 V 4% 12 V 2% 15 V 4% 15 V 2% 18 V 4% 24 V 4% TJ = 0 to +125C 0 12 C Plastic P Pl i Power Operating Temperature Range Package
Cin* 0.33F
A common ground is required between the input and the output voltages. The input voltage must remain typically 1.7 V above the output voltage even during the low point on the input ripple voltage. XX these two digits of the type number indicate voltage. * Cin is required if regulator is located an appreciable distance from power supply filter. ** CO is not needed for stability; however, it does improve transient response. If needed, use a 0.1 F ceramic disc.
* 2% regulators are available in 5, 12 and 15 V devices.
(c) Motorola, Inc. 1996
Rev 1
MOTOROLA ANALOG IC DEVICE DATA
1
LM340, A Series
MAXIMUM RATINGS (TA = +25C unless otherwise noted.)
Rating Input Voltage (5.0 V - 18 V) Input Voltage (24 V) Power Dissipation and Thermal Characteristics Plastic Package TA = +25C Derate above TA = +25C Thermal Resistance, Junction-to-Air TC= +25C Derate above TC = +75C (See Figure 1) Thermal Resistance, Junction-to-Case Storage Temperature Range Operating Junction Temperature Range Symbol Vin Value 35 40 Unit Vdc
PD 1/JA JA PD 1/JA JC Tstg TJ
Internally Limited 15.4 65 Internally Limited 200 5.0 -65 to +150 0 to +150
W mW/C C/W W mW/C C/W C C
Representative Schematic Diagram
1.0k
1.0k 210 6.7V 16k 100 1.0k 3.0k 10pF 6.4k 5.6k 300 13 200
Input
300 3.6k
0.12
520 40 pF 6.0k 2.0k 3.9k
50
200 Output
2.6k
6.0k
2.8k
Gnd
2
MOTOROLA ANALOG IC DEVICE DATA
LM340, A Series
LM340-5.0 ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation (Note 2) 8.0 Vdc to 20 Vdc 7.0 Vdc to 25 Vdc (TJ = +25C) 8.0 Vdc to 12 Vdc, IO = 1.0 A 7.3 Vdc to 20 Vdc, IO = 1.0 A (TJ = +25C) Load Regulation (Note 2) 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 7.0 Vin 20 Vdc, 5.0 mA IO 1.0 A, PD 15 W Quiescent Current IO = 1.0 A TJ = +25C Quiescent Current Change 7.0 Vin 25 Vdc, IO = 500 mA 5.0 mA IO 1.0 A, Vin = 10 V 7.5 Vin 20 Vdc, IO = 1.0 A Ripple Rejection IO = 1.0 A (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C) IO = 1.0 A Symbol VO Regline - - - - Regload - - - VO IB - - IB - - - RR VI - VO rO ISC Vn TCVO IO 62 - - - - - - 7.3 - - - 80 1.7 2.0 2.0 40 0.6 2.4 - 1.0 0.5 1.0 - - - - - - - - dB Vdc m A V mV/C A Vdc - 4.0 8.5 8.0 mA 4.75 - - - - 50 50 25 5.25 Vdc mA - - - - 50 50 25 50 mV Min 4.8 Typ 5.0 Max 5.2 Unit Vdc mV
NOTES: 1. Tlow to Thigh = 0 to +125C 2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used.
DEFINITIONS
Line Regulation - The change in output voltage for a change in the input voltage. The measurement is made under conditions of low dissipation or by using pulse techniques such that the average chip temperature is not significantly affected. Load Regulation - The change in output voltage for a change in load current at constant chip temperature. Maximum Power Dissipation - The maximum total device dissipation for which the regulator will operate within specifications. Quiescent Current - That part of the input current that is not delivered to the load. Output Noise Voltage - The rms AC voltage at the output, with constant load and no input ripple, measured over a specified frequency range.
MOTOROLA ANALOG IC DEVICE DATA
3
LM340, A Series
LM340A-5.0 ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation 7.5 Vdc to 20 Vdc, IO = 500 mA 7.3 Vdc to 25 Vdc (TJ = +25C) 8.0 Vdc to 12 Vdc 8.0 Vdc to 12 Vdc (TJ = +25C) Load Regulation 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 7.5 Vin 20 Vdc, 5.0 mA IO 1.0 A, PD 15 W Quiescent Current TJ = +25C Quiescent Current Change 5.0 mA IO 1.0 A, Vin = 10 V 8.0 Vin 25 Vdc, IO = 500 mA 7.5 Vin 20 Vdc, IO = 1.0 A (TJ = +25C) Ripple Rejection 8.0 Vin 18 Vdc, f = 120 Hz IO = 500 mA IO = 1.0 A (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C) IO = 1.0 A
NOTE: 1. Tlow to Thigh = 0 to +125C
Symbol VO Regline
Min 4.9
Typ 5.0
Max 5.1
Unit Vdc mV
- - - - Regload - - - VO IB IB - - - RR 68 68 VI - VO rO ISC Vn TCVO IO - - - - - - 7.3 4.8 - -
- 3.0 - - - - - - - 3.5 - - -
10 10 12 4.0 mV 25 25 15 5.2 6.5 6.0 0.5 0.8 0.8 dB Vdc mA mA
- 80 1.7 2.0 2.0 40 0.6 2.4 -
- - - - - - - - - Vdc m A V mV/C A Vdc
4
MOTOROLA ANALOG IC DEVICE DATA
LM340, A Series
LM340-6.0 ELECTRICAL CHARACTERISTICS (Vin = 11 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation 9.0 Vdc to 21 Vdc 8.0 Vdc to 25 Vdc (TJ = +25C) 9.0 Vdc to 13 Vdc, IO = 1.0 A 8.3 Vdc to 21 Vdc, IO = 1.0 A (TJ = +25C) Load Regulation 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 8.0 Vin 21 Vdc, 6.0 mA IO 1.0 A, PD 15 W Quiescent Current IO = 1.0 A TJ = +25C Quiescent Current Change 8.0 Vin 25 Vdc, IO = 500 mA 5.0 mA IO 1.0 A, Vin = 11 V 8.6 Vin 21 Vdc, IO = 1.0 A Ripple Rejection IO = 1.0 A (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C) IO = 1.0 A
NOTE: 1. Tlow to Thigh = 0 to +125C
Symbol VO Regline
Min 5.75
Typ 6.0
Max 6.25
Unit Vdc mV
- - - - Regload - - - VO IB - - IB - - - RR VI - VO rO ISC Vn TCVO IO 59 - - - - - - 8.3 5.7
- - - - - - - -
60 60 30 60 mV 60 60 30 6.3 Vdc mA
- 4.0 - - - 78 1.7 2.0 1.9 45 0.7 2.4 -
8.5 8.0 mA 1.0 0.5 1.0 - - - - - - - - dB Vdc m A V mV/C A Vdc
MOTOROLA ANALOG IC DEVICE DATA
5
LM340, A Series
LM340-8.0 ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation 11 Vdc to 23 Vdc 10.5 Vdc to 25 Vdc (TJ = +25C) 11 Vdc to 17 Vdc, IO = 1.0 A 10.5 Vdc to 23 Vdc, IO = 1.0 A (TJ = +25C) Load Regulation 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 10.5 Vin 23 Vdc, 5.0 mA IO 1.0 A, PD 15 W Quiescent Current IO = 1.0 A TJ = +25C Quiescent Current Change 10.5 Vin 25 Vdc, IO = 500 mA 5.0 mA IO 1.0 A, Vin = 14 V 10.6 Vin 23 Vdc, IO = 1.0 A Ripple Rejection IO = 1.0 A (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C) IO = 1.0 A
NOTE: 1. Tlow to Thigh = 0 to +125C
Symbol VO Regline
Min 7.7
Typ 8.0
Max 8.3
Unit Vdc mV
- - - - Regload - - - VO IB - - IB - - - RR VI - VO rO ISC Vn TCVO IO 56 - - - - - - 10.5 7.6
- - - - - - - -
80 80 40 80 mV 80 80 40 8.4 Vdc mA
- 4.0 - - - 76 1.7 2.0 1.5 52 1.0 2.4 -
8.5 8.0 mA 1.0 0.5 1.0 - - - - - - - - dB Vdc m A V mV/C A Vdc
6
MOTOROLA ANALOG IC DEVICE DATA
LM340, A Series
LM340-12 ELECTRICAL CHARACTERISTICS (Vin = 19 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation (Note 2) 15 Vdc to 27 Vdc 14.6 Vdc to 30 Vdc (TJ = +25C) 16 Vdc to 22 Vdc, IO = 1.0 A 14.6 Vdc to 27 Vdc, IO = 1.0 A (TJ = +25C) Load Regulation (Note 2) 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 14.5 Vin 27 Vdc, 5.0 mA IO 1.0 A, PD 15 W Quiescent Current IO = 1.0 A TJ = +25C Quiescent Current Change 14.5 Vin 30 Vdc, IO = 500 mA 5.0 mA IO 1.0 A, Vin = 19 V 14.8 Vin 27 Vdc, IO = 1.0 A Ripple Rejection IO = 1.0 A (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C) IO = 1.0 A Symbol VO Regline - - - - Regload - - - VO IB - - IB - - - RR VI - VO rO ISC Vn TCVO IO 55 - - - - - - 14.6 - - - 72 1.7 2.0 1.1 75 1.5 2.4 - 1.0 0.5 1.0 - - - - - - - - dB Vdc m A V mV/C A Vdc - 4.0 8.5 8.0 mA 11.4 - - - - 120 120 60 12.6 Vdc mA - - - - 120 120 60 120 mV Min 11.5 Typ 12 Max 12.5 Unit Vdc mV
NOTES: 1. Tlow to Thigh = 0 to +125C 2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used.
MOTOROLA ANALOG IC DEVICE DATA
7
LM340, A Series
LM340A-12 ELECTRICAL CHARACTERISTICS (Vin = 19 V, IO = 1.0 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation 14.8 Vdc to 27 Vdc, IO = 500 mA 14.5 Vdc to 30 Vdc (TJ = +25C) 16 Vdc to 22 Vdc 16 Vdc to 22 Vdc (TJ = +25C) Load Regulation 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 14.8 Vin 27 Vdc, 5.0 mA IO 1.0 A, PD 15 W Quiescent Current TJ = +25C Quiescent Current Change 5.0 mA IO 1.0 A, Vin = 19 V 15 Vin 30 Vdc, IO = 500 mA 14.8 Vin 27 Vdc, IO = 1.0 A(TJ = +25C) Ripple Rejection 15 Vin 25 Vdc, f = 120 Hz IO = 500 mA IO = 1.0 A (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C)
NOTE: 1. Tlow to Thigh = 0 to +125C
Symbol VO Regline
Min 11.75
Typ 12
Max 12.25
Unit Vdc mV
- - - - Regload - - - VO IB IB - - - RR 61 61 VI - VO rO ISC Vn TCVO IO - - - - - - 14.5 11.5 - -
- 4.0 - - - - - - - 3.5 - - -
18 18 30 9.0 mV 60 32 19 12.5 6.5 6.0 0.5 0.8 0.8 dB Vdc mA mA
- 72 1.7 2.0 1.1 75 1.5 2.4 -
- - - - - - - - - Vdc m A V mV/C A Vdc
8
MOTOROLA ANALOG IC DEVICE DATA
LM340, A Series
LM340-15 ELECTRICAL CHARACTERISTICS (Vin = 23 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation (Note 2) 18.5 Vdc to 30 Vdc 17.5 Vdc to 30 Vdc (TJ = +25C) 20 Vdc to 26 Vdc, IO = 1.0 A 17.7 Vdc to 30 Vdc, IO = 1.0 A (TJ = +25C) Load Regulation (Note 2) 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 17.5 Vin 30 Vdc, 5.0 mA IO 1.0 A, PD 15 W Quiescent Current IO = 1.0 A TJ = +25C Quiescent Current Change 17.5 Vin 30 Vdc, IO = 500 mA 5.0 mA IO 1.0 A, Vin = 23 V 17.9 Vin 30 Vdc, IO = 1.0 A Ripple Rejection IO = 1.0 mA (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C) IO = 1.0 A Symbol VO Regline - - - - Regload - - - VO IB - - IB - - - RR VI - VO rO ISC Vn TCVO IO 54 - - - - - - 17.7 - - - 70 1.7 2.0 800 90 1.8 2.4 - 1.0 0.5 1.0 - - - - - - - - dB Vdc m A V mV/C A Vdc - 4.0 8.5 8.0 mA 14.25 - - - - 150 150 75 15.75 Vdc mA - - - - 150 150 75 150 mV Min 14.4 Typ 15 Max 15.6 Unit Vdc mV
NOTES: 1. Tlow to Thigh = 0 to +125C 2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used.
MOTOROLA ANALOG IC DEVICE DATA
9
LM340, A Series
LM340A-15 ELECTRICAL CHARACTERISTICS (Vin = 23 V, IO = 1.0 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation 17.9 Vdc to 30 Vdc, IO = 500 mA 17.5 Vdc to 30 Vdc (TJ = +25C) 20 Vdc to 26 Vdc, IO = 1.0 A 20 Vdc to 26 Vdc, IO = 1.0 A (TJ = +25C) Load Regulation 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 17.9 Vin 30 Vdc, 5.0 mA IO 1.0 A, PD 15 W Quiescent Current TJ = +25C Quiescent Current Change 5.0 mA IO 1.0 A, Vin = 23 V 17.9 Vin 30 Vdc, IO = 500 mA 17.9 Vin 30 Vdc, IO = 1.0 A (TJ = +25C) Ripple Rejection 18.5 Vin 28.5 Vdc, f = 120 Hz IO = 500 mA IO = 1.0 A (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C)
NOTE: 1. Tlow to Thigh = 0 to +125C
Symbol VO Regline
Min 14.7
Typ 15
Max 15.3
Unit Vdc mV
- - - - Regload - - - VO IB IB - - - RR 60 60 VI - VO rO ISC Vn TCVO IO - - - - - - 17.5 14.4 - -
- 4.0 - - - 12 - - - 3.5 - - -
22 22 30 10 mV 75 35 21 15.6 6.5 6.0 0.5 0.8 0.8 dB Vdc mA mA
- 70 1.7 2.0 800 90 1.8 2.4 -
- - - - - - - - - Vdc m A V mV/C A Vdc
10
MOTOROLA ANALOG IC DEVICE DATA
LM340, A Series
LM340-18 ELECTRICAL CHARACTERISTICS (Vin = 27 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation 21.5 Vdc to 33 Vdc 21 Vdc to 33 Vdc (TJ = +25C) 24 Vdc to 30 Vdc, IO = 1.0 A 21 Vdc to 33 Vdc, IO = 1.0 A (TJ = +25C) Load Regulation 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 21 Vin 33 Vdc, 5.0 mA IO 1.0 A, PD 15 W Quiescent Current IO = 1.0 A TJ = +25C Quiescent Current Change 21 Vin 33 Vdc, IO = 500 mA 5.0 mA IO 1.0 A, Vin = 27 V 21 Vin 33 Vdc, IO = 1.0 A Ripple Rejection IO = 1.0 mA (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C) IO = 1.0 A
NOTE: 1. Tlow to Thigh = 0 to +125C
Symbol VO Regline
Min 17.3
Typ 18
Max 18.7
Unit Vdc mV
- - - - Regload - - - VO IB - - IB - - - RR VI - VO rO ISC Vn TCVO IO 53 - - - - - - 21 17.1
- - - - - - - -
180 180 90 180 mV 180 180 90 18.9 Vdc mA
- 4.0 - - - 69 1.7 2.0 500 110 2.3 2.4 -
8.5 8.0 mA 1.0 0.5 1.0 - - - - - - - - dB Vdc m A V mV/C A Vdc
MOTOROLA ANALOG IC DEVICE DATA
11
LM340, A Series
LM340-24 ELECTRICAL CHARACTERISTICS (Vin = 33 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics Output Voltage (TJ = +25C) IO = 5.0 mA to 1.0 A Line Regulation 28 Vdc to 38 Vdc 27 Vdc to 38 Vdc (TJ = +25C) 30 Vdc to 36 Vdc, IO = 1.0 A 27.1 Vdc to 38 Vdc, IO = 1.0 A (TJ = +25C) Load Regulation 5.0 mA IO 1.0 A 5.0 mA IO 1.5 A (TJ = +25C) 250 mA IO 750 mA (TJ = +25C) Output Voltage 27 Vin 38 Vdc, 5.0 mA IO 1.0 A, PD 15 W Quiescent Current IO = 1.0 A TJ = +25C Quiescent Current Change 27 Vin 38 Vdc, IO = 500 mA 5.0 mA IO 1.0 A, Vin = 33 V 27.3 Vin 38 Vdc, IO = 1.0 A Ripple Rejection IO = 1.0 mA (TJ = +25C) Dropout Voltage Output Resistance (f = 1.0 kHz) Short Circuit Current Limit (TJ = +25C) Output Noise Voltage (TA = +25C) 10 Hz f 100 kHz Average Temperature Coefficient of Output Voltage IO = 5.0 mA Peak Output Current (TJ = +25C) Input Voltage to Maintain Line Regulation (TJ = +25C) IO = 1.0 A
NOTE: 1. Tlow to Thigh = 0 to +125C
Symbol VO Regline
Min 23
Typ 24
Max 25
Unit Vdc mV
- - - - Regload - - - VO IB - - IB - - - RR VI - VO rO ISC Vn TCVO IO 50 - - - - - - 27.1 22.8
- - - - - - - -
240 240 120 240 mV 240 240 120 25.2 Vdc mA
- 4.0 - - - 66 1.7 2.0 200 170 3.0 2.4 -
8.5 8.0 mA 1.0 0.5 1.0 - - - - - - - - dB Vdc m A V mV/C A Vdc
12
MOTOROLA ANALOG IC DEVICE DATA
LM340, A Series
VOLTAGE REGULATOR PERFORMANCE
The performance of a voltage regulator is specified by its immunity to changes in load, input voltage, power dissipation, and temperature. Line and load regulation are tested with a pulse of short duration (< 100 s) and are strictly a function of electrical gain. However, pulse widths of longer duration (> 1.0 ms) are sufficient to affect temperature gradients across the die. These temperature gradients can cause a change in the output voltage, in addition to changes caused by line and load regulation. Longer pulse widths and thermal gradients make it desirable to specify thermal regulation. Thermal regulation is defined as the change in output voltage caused by a change in dissipated power for a specified time, and is expressed as a percentage output voltage change per watt. The change in dissipated power can be caused by a change in either input voltage or the load current. Thermal regulation is a function of IC layout and die attach techniques, and usually occurs within 10 ms of a change in power dissipation. After 10 ms, additional changes in the output voltage are due to the temperature coefficient of the device. Figure 1 shows the line and thermal regulation response of a typical LM340AT-5.0 to a 10 W input pulse. The variation of the output voltage due to line regulation is labeled A and the thermal regulation component is labeled A. Figure 2 shows the load and thermal regulation response of a typical LM340AT-5.0 to a 15 W load pulse. The output voltage variation due to load regulation is labeled A and the thermal regulation component is labeled A.
Figure 1. Line and Thermal Regulation
Vout , OUTPUT Vin , INPUT VOLTAGE DEVIATION (V) VOLTAGE (V) (2.0 mV/DIV) 2 Vout , OUTPUT VOLTAGE DEVIATION (V) (2.0 mV/DIV)
Figure 2. Load and Thermal Regulation
2
2 1 18 V
1 2 2.0
8.0 V t, TIME (2.0 ms/DIV) LM340AT-5.0 Vout = 5.0 V 1 = Regline = 2.4 mV Vin = 8.0 V 18 V 8.0 V 2 = Regtherm = 0.0030% VO/W Iout = 1.0 A
Iout , OUTPUT CURRENT (A)
0 t, TIME (2.0 ms/DIV) LM340AT-5.0 Vout = 5.0 V 1 = Regline = 4.4 mV Vin = 15 V 2 = Regtherm = 0.0020% VO/W Iout = 0 A 1.5 A 0 A
Figure 3. Temperature Stability
1.02 NORMALIZED OUTPUT VOLTAGE Z O , OUTPUT IMPEDANCE ( ) 100
Figure 4. Output Impedance
1.01
Vin - Vout = 5.0 V Iout = 100 mA
10-1 Vout = 5.0 V Vin = 7.5 V Iout = 1.0 A CO = 0 TJ = 25C
1.00
10-2
0.99
10-3
0.98 -90
-50
-10 30 70 110 TJ, JUNCTION TEMPERATURE (C)
150
190
10-4 1.0
10
100
1.0 k 10 k 100 k f, FREQUENCY (Hz)
1.0 M
10 M
100 M
MOTOROLA ANALOG IC DEVICE DATA
13
LM340, A Series
Figure 5. Ripple Rejection versus Frequency
100 RR, RIPPLE REJECTION (dB) RR, RIPPLE REJECTION (dB) Iout = 50 mA 80 Iout = 1.5 A Vout = 5.0 V Vin = 10 V CO = 0 TJ = 25C
Figure 6. Ripple Rejection versus Output Current
100
80 Vout = 5.0 V Vin = 10 V Vin = 10 V CO = 0 f = 120 Hz TJ = 25C
60
60
40
40 20 1.0 10 100 1.0 k 10 k 100 k f, FREQUENCY (Hz) 1.0 M 10 M 100 M 30 0.01
0.1 1.0 Iout, OUTPUT CURRENT (A)
10
Figure 7. Quiescent Current versus Input Voltage
4.0 IB , QUIESCENT CURRENT (mA) IB , QUIESCENT CURRENT (mA) 5.0 4.0 3.0 2.0 1.0 0 0.01
Figure 8. Quiescent Current versus Output Current
3.0 TJ = 25C Vout = 5.0 V Iout = 1.0 A
2.0
TJ = 25C Vin - Vout = 5.0 V
1.0
0 0 10 20 30 Vin, INPUT VOLTAGE (Vdc) 40
0.1 1.0 Iout, OUTPUT CURRENT (A)
10
Figure 9. Dropout Voltage
2.5 V in -Vout , INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V) 2.0 1.5 1.0 0.5 0 -75 Vout = 100 mV IO = 1.0 A IO = 500 mA Iout , OUTPUT CURRENT (A) 4.0
Figure 10. Peak Output Current
3.0
2.0
IO = 10 mA
1.0
TJ = 25C
0 -50 -25 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C)
0
10
20
30
40
Vin-Vout, INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V)
14
MOTOROLA ANALOG IC DEVICE DATA
LM340, A Series
Vout , OUTPUT VOLTAGE DEVIATION (V)
Figure 11. Line Transient Response
0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 1.0 0.5 0 0 10 20 t, TIME (s) 30 40 Vout = 5.0 V Iout = 150 mA CO = 0 TJ = 25C Vout , OUTPUT VOLTAGE DEVIATION (V) 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 1.5 1.0 0.5 0 0
Figure 12. Load Transient Response
Vin , INPUT VOLTAGE CHANGE (V)
Iout , OUTPUT CURRENT (A)
Vout = 5.0 V Vin = 10 V CO = 0 TJ = 25C
10
20 t, TIME (s)
30
40
Figure 13. Worst Case Power Dissipation versus Ambient Temperature (Case 221A)
20 PD , POWER DISSIPATION (W) 16 12 8.0 4.0 0 -50 HS = 0C/W HS = 5C/W HS = 15C/W JC = 5C/W JA = 65C/W TJ(max) = 150C
No Heatsink -25 0 25 50 75 100 125 150
TA, AMBIENT TEMPERATURE (C)
MOTOROLA ANALOG IC DEVICE DATA
15
LM340, A Series
APPLICATIONS INFORMATION
Design Considerations The LM340, A series of fixed voltage regulators are designed with Thermal Overload Protection that shuts down the circuit when subjected to an excessive power overload condition, Internal Short Circuit Protection that limits the maximum current the circuit will pass, and Output Transistor Safe-Area Compensation that reduces the output short circuit current as the voltage across the pass transistor is increased. In many low current applications, compensation capacitors are not required. However, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is large. An input bypass capacitor should be selected to provide good high-frequency characteristics to insure stable operation under all load conditions. A 0.33 F or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. The bypass capacitor should be mounted with the shortest possible leads directly across the regulators input terminals. Normally good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead.
Figure 14. Current Regulator
Figure 15. Adjustable Output Regulator
Input 0.33F
LM340-5.0 LM340-5.0 R Input Constant Current to Grounded Load 0.33F 6 + 1k 4 MC1741G 3 10k
Output
IO
7 -
2 0.1F
These regulators can also be used as a current source when connected as above. In order to minimize dissipation the LM340-5.0 is chosen in this application. Resistor R determines the current as follows: 5.0 V + IQ IO = R IQ
^ 1.5 mA over line and load changes
Vout, 7.0 V to 20 V Vin - VO 2.0 V The addition of an operational amplifier allows adjustment to higher or intermediate values while retaining regulation characteristics. The minimum voltage obtainable with this arrangement is 2.0 V greater than the regulator voltage.
For example, a 1 A current source would require R to be a 5 , 10 W resistor and the output voltage compliance would be the input voltage less 7.0 V.
Figure 16. Current Boost Regulator
Figure 17. Short Circuit Protection
MJ2955 or Equiv.
MJ2955 or Equiv Input
Input
RSC
R
LM340
Output R
2N6049 or Equiv. LM340 Output 1.0F
1.0F
0.1F
The LM340, A series can be current boosted with a PNP transistor. The MJ2955 provides current to 5.0 A. Resistor R in conjuction with the VBE of the PNP determines when the pass transistor begins conducting; this circuit is not short circuit proof. Input-output differential voltage minimum is increased by VBE of the pass transistor.
The circuit of Figure 17 can be modified to provide supply protection against short circuits by adding a short circuit sense resistor, RSC, and an additional PNP transistor. The current sensing PNP must be able to handle the short circuit current of the three-terminal regulator. Therefore, 4.0 A plastic power transistor is specified.
16
MOTOROLA ANALOG IC DEVICE DATA
LM340, A Series
OUTLINE DIMENSIONS
T SUFFIX PLASTIC PACKAGE CASE 221A-06 ISSUE Y -T- B
4 SEATING PLANE
F T S
C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
Q
123
A U K
H Z L V G D N R J
MOTOROLA ANALOG IC DEVICE DATA
17
LM340, A Series
NOTES
18
MOTOROLA ANALOG IC DEVICE DATA
LM340, A Series
NOTES
MOTOROLA ANALOG IC DEVICE DATA
19
LM340, A Series
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
20
MOTOROLA ANALOG IC DEVICE DATA LM340/D
*LM340/D*


▲Up To Search▲   

 
Price & Availability of LM340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X